Part Number Hot Search : 
MCP9509C P25XC ZM2V7B SY5802 250BZI 1N3047C 6N100 20A60
Product Description
Full Text Search
 

To Download B43415C8308A000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Aluminum electrolytic capacitors
Capacitors for pulse applications
Series/Type: Date:
B43415, B43416 November 2008
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Capacitors for pulse applications Compact up to 60 C
B43415, B43416
Application Professional flash light generators Features Compact design Outstanding reliability High charge/discharge proof, polar Low leakage current Low dissipation factor RoHS-compatible Construction Aluminum case, fully insulated Safety vent Terminals Snap-in Solder lug Overview Temperature C +60 (max. case temp.) Series B43415 Solder lug B43416 Snap-in Useful life > 50000 discharges VR V DC 300 ... 500 CR F 1000 ... 6600 200 ... 1500 B43415 B43416
Please read Cautions and warnings and Important notes at the end of this document.
Page 2 of 16
B43415, B43416 Compact up to 60 C
Specifications and characteristics in brief Rated voltage Rated capacitance Capacitance tolerance Leakage current (5 min, 20 C) Dissipation factor Useful life VR CR CR Ileak tan 15% > 50000 discharges at: Requirements: Case temperature 60 C C/C 20% of initial value Discharge repetition 2s ESR 3 times initial specified rate limit Max. discharges per 5000 Ileak initial specified limit week Charge resistance >10 Discharge resistance >0.5 To IEC 60068-2-6, test Fc: Displacement amplitude 0.35 mm, frequency range 10 Hz ... 55 Hz, acceleration max. 5 g, duration 3 x 2 h. Capacitor mounted by its body which is rigidly clamped to the work surface. If terminals are used for mechanical fixation of the capacitor, the vibration resistance can be reduced depending on capacitor size. VR 400 V DC: 40/060/56 ( 40 C/+60 C/56 days damp heat test) VR > 400 V DC: 25/060/56 ( 25 C/+60 C/56 days damp heat test) 300 ... 500 V DC 200 ... 6600 F 10/+20%
Vibration resistance test
IEC climatic category
Please read Cautions and warnings and Important notes at the end of this document.
Page 3 of 16
B43415 Compact up to 60C
Dimensional drawing B43415, solder lug terminals
Dimensions, weights and packing units dxl mm 35 x 55 35 x 65 40 x 65 40 x 70 40 x 80 40 x 90 40 x 105 40 x 110 50 x 80 50 x 100 Lead spacing (LS) mm 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 20.0 20.0 Approx. weight g 75 88 115 130 150 160 180 190 230 270 Packing units pcs. 59 59 42 42 42 42 42 42 28 28
Please read Cautions and warnings and Important notes at the end of this document.
Page 4 of 16
B43415 Compact up to 60C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dx l mm
B43415 Ileak,max 5 min. 20 C mA 3.4 4.4 6.0 7.7 3.7 4.7 5.6 7.3 3.9 5.0 5.9 7.6 2.5 4.2 5.4 6.4 2.9 4.9 5.8 Ordering code
VR = 300 V DC 2100 35 x 65 3000 40 x 70 4700 40 x 105 6600 50 x 100 VR = 330 V DC 2100 40 x 65 3000 40 x 80 3800 40 x 105 5600 50 x 100 VR = 360 V DC 2100 40 x 65 3000 40 x 90 3800 40 x 110 4900 50 x 100 VR = 400 V DC 1000 35 x 55 2100 40 x 80 3000 40 x 110 3800 50 x 100 VR = 500 V DC 1000 40 x 65 2100 50 x 80 2500 50 x 100
B43415C3218A000 B43415C3308A000 B43415C3478A000 B43415C3668A000 B43415C8218A000 B43415C8308A000 B43415C8388A000 B43415C8568A000 B43415C9218A000 B43415C9308A000 B43415C9388A000 B43415C9498A000 B43415C9108A000 B43415D9218A000 B43415D9308A000 B43415D9388A000 B43415C6108A000 B43415C6218A000 B43415C6258A000
Please read Cautions and warnings and Important notes at the end of this document.
Page 5 of 16
B43416 Compact up to 60C
Dimensional drawing B43416, snap-in terminals
Dimensions, weights and packing units dxl mm 25 x 45 30 x 40 30 x 50 35 x 45 35 x 50 35 x 55 Approx. weight g 25 36 46 56 70 81 Packing units pcs. 130 80 80 60 60 60
Please read Cautions and warnings and Important notes at the end of this document.
Page 6 of 16
B43416 Compact up to 60C
Technical data and ordering codes CR 100 Hz 20 C F Case dimensions dxl mm
B43416 Ileak,max 5 min. 20 C mA 2.0 2.7 2.2 2.5 1.5 2.6 2.8 1.2 2.0 2.6 0.9 2.0 2.1 Ordering code
VR = 300 V DC 1000 30 x 50 1500 35 x 50 VR = 330 V DC 1000 35 x 45 1200 35 x 50 VR = 360 V DC 560 30 x 40 1100 35 x 50 1200 35 x 55 VR = 400 V DC 330 25 x 45 700 35 x 45 900 35 x 55 VR = 500 V DC 200 25 x 45 560 35 x 50 600 35 x 55
B43416C3108A000 B43416C3158A000 B43416C8108A000 B43416C8128A000 B43416C9567A000 B43416C9118A000 B43416C9128A000 B43416C9337A000 B43416C9707A000 B43416C9907A000 B43416C6207A000 B43416C6567A000 B43416C6607A000
Please read Cautions and warnings and Important notes at the end of this document.
Page 7 of 16
B43415, B43416 Compact up to 60 C
Packing of snap-in capacitors
Packing of solder lug capacitors
For ecological reasons the packing is pure cardboard.
Please read Cautions and warnings and Important notes at the end of this document.
Page 8 of 16
B43415, B43416 Compact up to 60 C
AC capacitance versus temperature VR = 350 V DC Typical behaviour
Dissipation factor tan versus temperature VR = 350 V DC, measuring frequency = 120 Hz Typical behaviour
Leakage current Ileak versus temperature Measurement duration = 5 minutes Typical behaviour
Please read Cautions and warnings and Important notes at the end of this document.
Page 9 of 16
B43415, B43416 Compact up to 60 C
Questionnaire Please use the questionnaire when having other, improved or additional technical requirements which cannot be covered by our standard series. The characteristic data listed in the questionnaire below are essentially the most important information for determining design dimensions of electrolytic capacitors for professional photo flash applications. Rated capacitance per capacitor Rated voltage per capacitor Charge/discharge voltage Required dimensions: Diameter (max.) Length (max.) Style of terminals Ambient temperature Method of cooling Discharge conditions Internal resistance of the discharge tube (if applicable) Charging resistance (series resistance) No. of capacitors in series No. of capacitors in parallel Flash sequence Pause periods Other special operating conditions Expected useful life Annual demand of capacitors For any further support, please contact your nearest EPCOS representative. flashes C / F V DC V mm mm
Please read Cautions and warnings and Important notes at the end of this document.
Page 10 of 16
B43415, B43416 Compact up to 60 C
Cautions and warnings Personal safety The electrolytes used by EPCOS have not only been optimized with a view to the intended application, but also with regard to health and environmental compatibility. They do not contain any solvents that are detrimental to health, e.g. dimethyl formamide (DMF) or dimethyl acetamide (DMAC). Furthermore, part of the high-voltage electrolytes used by EPCOS are self-extinguishing. They contain flame-retarding substances which will quickly extinguish any flame that may have been ignited. As far as possible, EPCOS does not use any dangerous chemicals or compounds to produce operating electrolytes. However, in exceptional cases, such materials must be used in order to achieve specific physical and electrical properties because no safe substitute materials are currently known. However, the amount of dangerous materials used in our products has been limited to an absolute minimum. Nevertheless, the following rules should be observed when handling Al electrolytic capacitors: Any escaping electrolyte should not come into contact with eyes or skin. If electrolyte does come into contact with the skin, wash the affected parts immediately with running water. If the eyes are affected, rinse them for 10 minutes with plenty of water. If symptoms persist, seek medical treatment. Avoid breathing in electrolyte vapor or mists. Workplaces and other affected areas should be well ventilated. Clothing that has been contaminated by electrolyte must be changed and rinsed in water.
Please read Cautions and warnings and Important notes at the end of this document.
Page 11 of 16
B43415, B43416 Compact up to 60 C
Product safety The table below summarize the safety instructions that must be observed without fail. A detailed description can be found in the relevant sections of chapter "General technical information". Topic Safety information Reference Chapter "General technical information" 1 "Basic construction of aluminum electrolytic capacitors" 3.1.6 "Reverse voltage" 7.2 "Maximum permissible operating temperature" 10 "Maintenance"
Polarity
Make sure that polar capacitors are connected with the right polarity.
Reverse voltage Upper category temperature Maintenance
Voltages polarity classes should be prevented by connecting a diode. Do not exceed the upper category temperatur.
Mounting position of screw terminal capacitors Mounting of single-ended capacitors
Make periodic inspections of the capacitors. Before the inspection, make sure that the power supply is turned off and carefully discharge the electricity of the capacitors. Do not apply any mechanical stress to the capacitor terminals. Do not mount the capacitor with the terminals (safety vent) upside down.
Robustness of terminals
Soldering
11.1 "Mounting positions of capacitors with screw terminals" The internal structure of single-ended capacitors 11.4 might be damaged if excessive force is applied to "Mounting the lead wires. considerations for Avoid any compressive, tensile or flexural stress. single-ended capacitors" Do not move the capacitor after soldering to PC board. Do not pick up the PC board by the soldered capacitor. Do not insert the capacitor on the PC board with a hole space different to the lead space specified. The following maximum tightening torques must 11.3 not be exceeded when connecting screw "Mounting torques" terminals: M5: 2 Nm M6: 2.5 Nm Do not exceed the specified time or temperature 11.5 limits during soldering. "Soldering"
Page 12 of 16
Please read Cautions and warnings and Important notes at the end of this document.
B43415, B43416 Compact up to 60 C
Topic
Safety information
Soldering, cleaning agents Passive flammability Active flammability
Reference Chapter "General technical information" Do not allow halogenated hydrocarbons to come 11.6 into contact with aluminum electrolytic capacitors. "Cleaning agents" Avoid external energy, such as fire or electricity. 8.1 "Passive flammability" Avoid overload of the capacitors. 8.2 "Active flammability" Reference Chapter "Capacitors with screw terminals" "Screw terminals accessories"
Breakdown strength Do not damage the insulating sleeve, especially of insulating when ring clips are used for mounting. sleeves
Please read Cautions and warnings and Important notes at the end of this document.
Page 13 of 16
B43415, B43416 Compact up to 60 C
Symbols and terms Symbol C CR CS CS,T Cf d dmax ESL ESR ESRf ESRT f I IAC IAC,rms IAC,f IAC,max IAC,R IAC,R (B) Ileak Ileak,op l lmax R Rins Rsymm T T TA TC TB t t tb English Capacitance Rated capacitance Series capacitance Series capacitance at temperature T Capacitance at frequency f Case diameter, nominal dimension Maximum case diameter Self-inductance Equivalent series resistance Equivalent series resistance at frequency f Equivalent series resistance at temperature T Frequency Current Alternating current (ripple current) Root-mean-square value of alternating current Ripple current at frequency f Maximum permissible ripple current Rated ripple current Rated ripple current for base cooling Leakage current Operating leakage current Case length, nominal dimension Maximum case length (without terminals and mounting stud) Resistance Insulation resistance Balancing resistance Temperature Temperature difference Ambient temperature Case temperature Capacitor base temperature Time Period Service life (operating hours) German Kapazitat Nennkapazitat Serienkapazitat Serienkapazitat bei Temperatur T Kapazitat bei Frequenz f Gehausedurchmesser, Nennma Maximaler Gehausedurchmesser Eigeninduktivitat Ersatzserienwiderstand Ersatzserienwiderstand bei Frequenz f Ersatzserienwiderstand bei Temperatur T Frequenz Strom Wechselstrom Wechselstrom, Effektivwert Wechselstrom bei Frequenz f Maximal zulassiger Wechselstrom Nennwechselstrom Nennwechselstromstrom fur Bodenkuhlung Ableitstrom Ableitstrom bei Betrieb Gehauselange, Nennma Maximale Gehauselange (ohne Anschlusse und Gewindebolzen) Widerstand Isolationswiderstand Symmetrierwiderstand Temperatur Temperaturdifferenz Umgebungstemperatur Gehausetemperatur Temperatur des Becherbodens Zeit Zeitraum Brauchbarkeitsdauer (Betriebszeit)
Please read Cautions and warnings and Important notes at the end of this document.
Page 14 of 16
B43415, B43416 Compact up to 60 C
Symbol V VF Vop VR VS XC XL Z ZT tan 0 r Notes
English Voltage Forming voltage Operating voltage Rated voltage, DC voltage Surge voltage Capacitive reactance Inductive reactance Impedance Impedance at temperature T Dissipation factor Failure rate Absolute permittivity Relative permittivity Angular velocity; 2 f
German Spannung Formierspannung Betriebsspannung Nennspannung, Gleichspannung Spitzenspannung Kapazitiver Blindwiderstand Induktiver Blindwiderstand Scheinwiderstand Scheinwiderstand bei Temperatur T Verlustfaktor Ausfallrate Elektrische Feldkonstante Dielektrizitatszahl Kreisfrequenz; 2 f
All dimensions are given in mm.
Please read Cautions and warnings and Important notes at the end of this document.
Page 15 of 16
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or lifesaving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 16 of 16


▲Up To Search▲   

 
Price & Availability of B43415C8308A000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X